Part Number Hot Search : 
K2000 HM965 133BZC RTT3TA24 MAX50 MMBT9 SERIE HD14015B
Product Description
Full Text Search
 

To Download TPSMA43A08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TPSMA6.8 thru TPSMA43A
Vishay General Semiconductor
Surface Mount Automotive Transient Voltage Suppressors
High Temperature Stability and High Reliability Conditions
FEATURES * Patented PAR(R) construction * Available in uni-directional polarity only * 400 W peak pulse power capability with a 10/1000 s waveform, repetitive rate (duty cycle): 0.01 % * Excellent clamping capability * Very fast response time * Low incremental surge resistance * Meets MSL level 1, per J-STD-020, LF maximum peak of 260 C * Solder dip 260 C, 40 s * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC TYPICAL APPLICATIONS Use in sensitive electronics protection against voltage transients induced by inductive load switching and lighting on ICs, MOSFET, signal lines of sensor units for consumer, computer, industrial, automotive and telecommunication. MECHANICAL DATA Case: DO-214AC (SMA) Molding compound meets UL 94 V-0 flammability rating Base P/NHE3 - RoHS compliant, high reliability/ automotive grade (AEC Q101 qualified) Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 HE3 suffix meets JESD 201 class 2 whisker test Polarity: Color band denotes cathode end
* nted e Pat
*Patent #'s 4,980,315 5,166,769 5,278,094
DO-214AC (SMA)
PRIMARY CHARACTERISTICS
VBR PPPM PD IFSM TJ max. 6.8 V to 43 V 400 W 1.0 W 40 A 185 C
MAXIMUM RATINGS (TA = 25 C unless otherwise noted)
PARAMETER Peak power dissipation with a 10/1000 s waveform (1)(2) (Fig. 3) Peak power pulse current with a 10/1000 s waveform Power dissipation at TA = 25 C (4) Peak forward surge current 8.3 ms single half sine-wave (3) Maximum instantaneous forward voltage at 25 A (3) Operating junction and storage temperature range Notes: (1) Non-repetitive current pulse, per Fig. 3 and derated above TA = 25 C per Fig. 2 (2) Mounted on P.C.B. with 0.2 x 0.2" (5.0 x 5.0 mm) copper pads attached to each terminal (3) Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minutes maximum (4) Mounted on minimum recommended pad layout Document Number: 88405 Revision: 21-Oct-08 For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com www.vishay.com 1
(1)
SYMBOL PPPM IPPM PD IFSM VF TJ, TSTG
VALUE 400 See next table 1.0 40 3.5 - 65 to + 185
UNIT W A W A V C
(Fig. 1)
TPSMA6.8 thru TPSMA43A
Vishay General Semiconductor
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
DEVICE MARKING CODE BREAKDOWN VOLTAGE VBR (1) AT IT (V) MIN. TPSMA6.8 TPSMA6.8A TPSMA7.5 TPSMA7.5A TPSMA8.2 TPSMA8.2A TPSMA9.1 TPSMA9.1A TPSMA10 TPSMA10A TPSMA11 TPSMA11A TPSMA12 TPSMA12A TPSMA13 TPSMA13A TPSMA15 TPSMA15A TPSMA16 TPSMA16A TPSMA18 TPSMA18A TPSMA20 TPSMA20A TPSMA22 TPSMA22A TPSMA24 TPSMA24A TPSMA27 TPSMA27A TPSMA30 TPSMA30A TPSMA33 TPSMA33A TPSMA36 TPSMA36A TPSMA39 TPSMA39A TPSMA43 TPSMA43A Notes: (1) VBR measured after IT applied for 300 s, IT = square wave pulse or equivalent (2) Surge current waveform per Fig. 3 and derated per Fig. 2 (3) All terms and symbols are consistent with ANSI/IEEE C62.35 ADP AEP AFP AGP AHP AKP ALP AMP ANP APP AQP ARP ASP ATP AUP AVP AWP AXP AYP AZP BDP BEP BFP BGP BHP BKP BLP BMP BNP BPP BQP BRP BSP BTP BUP BVP BWP BXP BYP BZP 6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.50 10.80 11.40 11.70 12.40 13.50 14.30 14.40 15.20 16.20 17.10 18.00 19.00 19.80 20.90 21.60 22.80 24.30 25.70 27.00 28.50 29.70 31.40 32.40 34.20 35.10 37.10 38.70 40.90 MAX. 7.48 7.14 8.25 7.88 9.02 8.61 10.00 9.55 11.00 10.50 12.10 11.60 13.20 12.60 14.30 13.70 16.30 15.80 17.60 16.80 19.80 18.90 22.00 21.00 24.20 23.10 26.40 25.20 29.70 28.40 33.00 31.50 36.30 34.70 39.60 37.80 42.90 41.00 47.30 45.20 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.65 8.92 9.40 9.72 10.20 10.50 11.10 12.10 12.80 12.90 13.60 14.50 15.30 16.20 17.10 17.80 18.80 19.40 20.50 21.80 23.10 24.30 25.60 26.80 28.20 29.10 30.80 31.60 33.30 34.80 36.80 TEST CURRENT IT (mA) STANDOFF VOLTAGE VWM (V) TJ = 150 C MAXIMUM MAXIMUM REVERSE REVERSE LEAKAGE LEAKAGE AT AT VWM VWM IR (A) ID (A) 300 300 150 150 50 50 10 10 5.0 5.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1000 1000 500 500 200 200 50 50 20 20 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 MAXIMUM PEAK PULSE SURGE CURRENT IPPM (2) (A) 37.0 38.1 34.2 35.4 32.0 33.1 29.0 29.9 26.7 27.6 24.7 25.6 23.1 24.0 21.1 22.0 18.2 18.9 17.0 17.8 15.1 15.9 13.7 14.4 12.5 13.1 11.5 12.0 10.2 10.7 9.2 9.7 8.4 8.8 7.7 8.0 7.1 7.4 6.5 6.7 MAXIMUM CLAMPING VOLTAGE AT IPPM VC (V) 10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.0 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.0 26.5 25.5 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.0 45.7 52.0 49.9 56.4 53.9 61.9 59.3
DEVICE
www.vishay.com 2
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88405 Revision: 21-Oct-08
TPSMA6.8 thru TPSMA43A
Vishay General Semiconductor
ORDERING INFORMATION (Example)
PREFERRED P/N TPSMA6.8AHE3/61T (1) TPSMA6.8AHE3/5AT (1) Note: (1) Automotive grade AEC Q101 qualified UNIT WEIGHT (g) 0.064 0.064 PREFERRED PACKAGE CODE 61T 5AT BASE QUANTITY 1800 7500 DELIVERY MODE 7" diameter plastic tape and reel 13" diameter plastic tape and reel
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
100
150 TJ = 25 C Pulse Width (td) is defined as the Point where the Peak Current decays to 50 % of IPPM
IPPM - Peak Pulse Current, % IRSM
PPPM - Peak Power (kW)
Non-Repetitive Pulse Waveform shown in Fig. 3 TA = 25 C 10
tr = 10 s Peak Value IPPM
100
Half Value - IPP IPPM 2 50 10/1000 s Waveform as defined by R.E.A. td 0 0 1.0 2.0 3.0 4.0
1.0 0.2 x 0.2" (5.0 x 5.0 mm) Copper Pad Areas 0.1 0.1 s 1.0 s 10 s 100 s 1.0 ms 10 ms
td
td - Pulse Width (s)
t - Time (ms)
Figure 1. Peak Pulse Power Rating Curve
Figure 3. Pulse Waveform
Peak Pulse Power (PPP) or Current (IPP) Derating in Percentage, %
100
10 000
Junction Capacitance (pF)
75
VR measured at Zero Bias 1000 VR measured at Stand-Off, VWM 100 TJ = 25 C f = 1.0 MHz Vsig = 50 mVp-p 10 1 10 100
50
25
0 0 50 100 150 200
TJ - Initial Temperature (C)
VBR - Breakdown Voltage (V)
Figure 2. Pulse Power or Current vs. Initial Junction Temperature
Figure 4. Typical Junction Capacitance
Document Number: 88405 Revision: 21-Oct-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 3
TPSMA6.8 thru TPSMA43A
Vishay General Semiconductor
200
Peak Forward Surge Current (A)
TJ = TJ max. 8.3 ms Single Half Sine-Wave 100
50
10 1 5 10 50 100
Number of Cycles at 60 Hz
Figure 5. Maximum Non-Repetitive Peak Forward Surge Current
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
DO-214AC (SMA)
Cathode Band
Mounting Pad Layout
0.066 (1.68) MIN. 0.074 (1.88) MAX.
0.065 (1.65) 0.049 (1.25)
0.110 (2.79) 0.100 (2.54)
0.177 (4.50) 0.157 (3.99) 0.012 (0.305) 0.006 (0.152)
0.060 (1.52) MIN. 0.208 (5.28) REF.
0.090 (2.29) 0.078 (1.98)
0.060 (1.52) 0.030 (0.76)
0.008 (0.203) 0 (0) 0.208 (5.28) 0.194 (4.93)
www.vishay.com 4
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88405 Revision: 21-Oct-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of TPSMA43A08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X